|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
19-1069; Rev 0; 6/96 Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches _______________General Description The MAX4514/MAX4515 are single-pole/single-throw (SPST), CMOS, low-voltage, single-supply analog switches with very low switch on-resistance. The MAX4514 is normally open (NO). The MAX4515 is normally closed (NC). These CMOS switches can operate continuously with a single supply between +2V and +12V. Each switch can handle rail-to-rail analog signals. The off-leakage current maximum is only 1nA at +25C or 20nA at +85C. All digital inputs have 0.8V to 2.4V logic thresholds, ensuring TTL/CMOS-logic compatibility when using a +5V supply. For pin-compatible parts for use with dual supplies, see the MAX4516/MAX4517. ____________________________Features o Available in SOT23-5 Package o +2V to +12V Single-Supply Operation o Guaranteed On-Resistance: 20 with +5V Supply 10 with +12V Supply o Guaranteed Low Off-Leakage Currents: 1nA at +25C 20nA at +85C o Guaranteed Low On-Leakage Currents: 2nA at +25C 40nA at +85C o Low Charge Injection: 10pC o Fast Switching Speed: tON = 150ns, tOFF = 100ns o Break-Before-Make Operation: tON > tOFF at +5V o TTL/CMOS-Logic Compatible with +5V Supply MAX4514/MAX4515 ________________________Applications Battery-Operated Equipment Audio and Video Signal Routing Low-Voltage Data-Acquisition Systems Communications Circuits PCMCIA Cards Cellular Phones Modems ______________Ordering Information PART MAX4514CPA MAX4514CSA MAX4514CUK MAX4514C/D TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C PIN-PACKAGE 8 Plastic DIP 8 SO 5 SOT23-5 Dice* Ordering Information continued at end of data sheet. * Contact factory for dice specifications. __________________________________________________________Pin Configurations TOP VIEW COM 1 N.C. 2 N.C. 3 V+ 4 8 7 6 NO GND IN N.C. COM 1 N.C. 2 N.C. 3 V+ 4 8 7 6 NC GND IN N.C. NO 2 NC 2 COM 1 5 V+ COM 1 5 V+ MAX4514 DIP/SO 5 MAX4515 DIP/SO 5 GND 3 MAX4514 SOT23-5 4 IN GND 3 MAX4515 SOT23-5 4 IN INPUT LOW HIGH N.C. = NOT INTERNALLY CONNECTED SWITCH STATE MAX4515 MAX4514 ON OFF OFF ON MARKING INFORMATION (SOTs only) LOT SPECIFIC CODE XX XX AE = MAX4514 AF = MAX4515 ________________________________________________________________ Maxim Integrated Products 1 For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800 Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches MAX4514/MAX4515 ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to GND) V+ ..............................................................................-0.3V, +13V Voltage into Any Terminal (Note 1)...............-0.3V to (V+ + 0.3V) or 20mA (whichever occurs first) Continuous Current into Any Terminal..............................20mA Peak Current, NO_ or COM_ (pulsed at 1ms,10% duty cycle)....................................30mA ESD per Method 3015.7 ..................................................>2000V Continuous Power Dissipation (TA = +70C) 8-Pin Plastic DIP (derate 9.09mW/C above +70C) ....727mW 8-Pin SO (derate 5.88mW/C above +70C).................471mW 5-Pin SOT23-5 (derate 7.1mW/C above +70C) .........571mW 8-Pin CERDIP (derate 8.00mW/C above +70C).........640mW Operating Temperature Ranges MAX4514C_ _/MAX4515C_ _ ..............................0C to +70C MAX4514E_ _/MAX4515E_ _ ............................-40C to +85C MAX4514MJA/MAX4515MJA .........................-55C to +125C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C Note 1: Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current rating. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS-- +5V Supply (V+ = +4.5V to +5.5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER ANALOG SWITCH Analog Signal Range COM to NO or NC On-Resistance COM to NO or NC On-Resistance Flatness NO or NC Off-Leakage Current (Note 3) COM Off-Leakage Current (Note 3) COM On-Leakage Current (Note 3) DIGITAL I/O Input Logic High Input Logic Low Input Current Logic High or Low VIH VIL IIH, IIL VIN = V+, 0V 2.4 0 -1 0.03 V+ 0.8 1 V V A VCOM, VNO, VNC RON RON INO(OFF) INC(OFF) V+ = 5V, VCOM = 3.5V, ICOM = 1mA VCOM = 1V, 2V, 3V; ICOM = 1mA V+ = 5.5V, VCOM = 1V, VNO or VNC = 4.5V V+ = 5.5V, VCOM = 1V, VNO or VNC = 4.5V V+ = 5.5V, VCOM = 4.5V, VNO or VNC = 4.5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX C, E M C, E M C, E M -1 -20 -100 -1 -20 -100 -2 -40 -200 0.01 0.01 0.01 1 0 10 V+ 20 25 3 5 1 20 100 1 20 100 2 40 200 nA nA nA V SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS ICOM(OFF) ICOM(ON) SWITCH DYNAMIC CHARACTERISTICS Turn-On Time Turn-Off Time tON tOFF Figure 2 Figure 2 TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 20 30 150 240 100 150 ns ns 2 _______________________________________________________________________________________ Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches ELECTRICAL CHARACTERISTICS-- +5V Supply (continued) (V+ = +4.5V to +5.5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS MAX4514/MAX4515 SWITCH DYNAMIC CHARACTERISTICS Charge Injection (Note 4) Off Isolation Q CL = 1nF, VNO = 0V, RS = 0, TA = +25C, Figure 1 RL = 50, CL = 15pF, VNO = 1VRMS, f = 100kHz, TA = +25C, Figure 3 f = 1MHz, TA = +25C, Figure 4 f = 1MHz, TA = +25C, Figure 4 f = 1MHz, TA = +25C, Figure 4 TA = +25C TA = TMIN to TMAX -1 -10 2 -90 14 14 30 1 10 10 pC VISO CNO(OFF), CNC(OFF) CCOM(OFF) CCOM(ON) dB NO or NC Off Capacitance COM Off Capacitance COM On Capacitance POWER SUPPLY V+ Supply Current pF pF pF I+ VIN = 0V or V+ A ELECTRICAL CHARACTERISTICS-- +12V Supply (V+ = +11.4V to +12.6V, VINH = 5V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER ANALOG SWITCH Analog Signal Range COM to NO or NC On-Resistance NO, NC Off-Leakage Current (Note 3) VCOM, VNO, VNC RON I(NO)OFF I(NC)OFF VCOM = 10V, ICOM = 1mA TA = +25C TA = TMIN to TMAX TA = +25C VCOM = 10V, VNO = +1V TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C ICOM(ON) VCOM = 10V TA = TMIN to TMAX C, E M C, E M C, E M -2 -50 -200 -2 -50 -200 -4 -100 -400 5 0 VIN = V+, 0V -1 0.03 0 5 V+ 10 15 2 50 200 2 50 200 4 100 400 V+ 0.8 1 V V A nA nA nA V SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS COM Off-Leakage Current (Note 3) ICOM(OFF) VCOM = 10V, VNO or VNC = 1V COM On-Leakage Current (Note 3) DIGITAL I/O Input Logic High Input Logic Low Input Current Logic High or Low POWER SUPPLY V+ Supply Current VINH VINL IINH, IINL I+ IN = 0V or V+ TA = +25C TA = TMIN to TMAX -2 -20 2 20 A _______________________________________________________________________________________ 3 Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches MAX4514/MAX4515 ELECTRICAL CHARACTERISTICS-- +3V Supply (V+ = +3V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER ANALOG SWITCH Analog Signal Range COM to NO or NC On-Resistance DIGITAL I/O Input Logic High Input Logic Low Input Current Logic High or Low Turn-On Time (Note 4) Turn-Off Time (Note 4) Charge Injection (Note 4) POWER SUPPLY V+ Supply Current Note 2: Note 3: Note 4: Note 5: I+ IN = 0V or V+ TA = +25C TA = TMIN to TMAX -1 -10 1 10 A VINH VINL IINH, IINL VIN = V+, 0V 2.4 0 -1 0.03 V+ 0.80 1 V V A VCOM, VNO, VNC RON VCOM = 1.5V, INO = 1mA, V+ = 3V TA = +25C TA = TMIN to TMAX 0 20 V+ 50 75 V SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS SWITCH DYNAMIC CHARACTERISTICS tON tOFF Q Figure 2 Figure 2 CL = 1nF, Figure 1 TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C 4 30 45 150 240 100 150 10 ns ns pC The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are guaranteed by correlation at +25C. Guaranteed, not production tested. SOT packaged parts are 100% tested at +25C. Limits at maximum and minimum rated temperature are guaranteed by design and correlation limits at +25C. __________________________________________Typical Operating Characteristics (V+ = +5V, GND = 0V, TA = +25C, unless otherwise noted.) ON-RESISTANCE vs. VCOM OVER TEMPERATURE MAX4514/15-01 ON-RESISTANCE vs. VCOM MAX4514/15-02 CHARGE INJECTION vs. VCOM 25 20 VNO/NC, V+ = +5V VNO/NC, V+ = +10V MAX4514/15-03 30 V+ = +5V 25 20 RON () TA = +125C 15 10 5 TA = -55C 0 0 1 2 3 4 5 VCOM (V) TA = 0C TA = +25C TA = +85C TA = +70C 100 V+ = +2V 30 RON () V+ = +3V 10 V+ = +5V V+ = +9V Q (pC) 15 10 5 V+ = +12V 0 -5 VNO/NC, V+ = +3V VNO/NC, V+ = +12V 1 0 2 4 6 VCOM (V) 8 10 12 -10 0 2 4 6 VCOM (V) 8 10 12 4 _______________________________________________________________________________________ Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches ____________________________Typical Operating Characteristics (continued) (V+ = +5V, GND = 0V, TA = +25C, unless otherwise noted.) ON/OFF-LEAKAGE vs. TEMPERATURE V+ = +5.5V 10 ON/OFF LEAKAGE (nA) 1 0.1 0.01 0.001 ICOM(OFF) ICOM(ON) LOSS (dB) MAX4514/15-04 MAX4514/MAX4515 FREQUENCY RESPONSE 0 -10 -20 -30 -40 -50 -60 -70 -80 OFF ISOLATION -90 -100 -110 -120 0.0001 0.001 0.01 0.1 ON LOSS MAX4514/15-05 100 60 50 40 PHASE (DEGREES) 30 20 10 0 -10 -20 -30 -40 -50 ON PHASE 0.0001 0.00001 -60 -40 -20 0 20 40 60 80 100 120 140 TEMPERATURE (C) 50 IN AND OUT, V+ = +5V 1 10 -60 100 1000 FREQUENCY (MHz) TOTAL HARMONIC DISTORTION vs. FREQUENCY 600 IN/OUT, V+ = +5V 10 TON/TOFF (ns) THD (%) MAX4514/15-06 TON/TOFF vs. VSUPPLY 180 160 140 120 100 80 60 TOFF TON MAX4514/15-07 100 200 1 0.1 40 20 0.01 10 100 1000 10,000 100,000 FREQUENCY (Hz) 0 0 2 4 6 8 10 12 V+ SUPPLY (V) ______________________________________________________________Pin Description PIN MAX4514 DIP/SO 1 2, 3, 5 4 6 7 8 -- SOT23-5 1 -- 5 4 3 2 -- 1 2, 3, 5 4 6 7 -- 8 MAX4515 DIP/SO SOT23-5 1 -- 5 4 3 -- 2 COM N.C. V+ IN GND NO NC Analog Switch Common Terminal No Connect (not internally connected) Positive Supply-Voltage Input (analog and digital) Digital Control Input Ground Analog Switch (normally open) Analog Switch (normally closed) NAME FUNCTION Note: NO, NC, and COM pins are identical and interchangeable. Any may be considered as an input or an output; signals pass equally well in both directions. _______________________________________________________________________________________ 5 Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches MAX4514/MAX4515 __________Applications Information Power-Supply Considerations The MAX4514/MAX4515 construction is typical of most CMOS analog switches, except that they have only two supply pins: V+ and GND. V+ and GND drive the internal CMOS switches and set their analog voltage limits. Reverse ESD-protection diodes are internally connected between each analog-signal pin and both V+ and GND. One of these diodes conducts if any analog signal exceeds V+ or GND. Virtually all the analog leakage current comes from the ESD diodes to V+ or GND. Although the ESD diodes on a given signal pin are identical and therefore fairly well balanced, they are reverse biased differently. Each is biased by either V+ or GND and the analog signal. This means their leakages will vary as the signal varies. The difference in the two diode leakages to the V+ and GND pins constitutes the analog-signal-path leakage current. All analog leakage current flows between each pin and one of the supply terminals, not to the other switch terminal. This is why both sides of a given switch can show leakage currents of the same or opposite polarity. There is no connection between the analog-signal paths and V+ or GND. V+ and GND also power the internal logic and logiclevel translators. The logic-level translators convert the logic levels to switched V+ and GND signals to drive the analog signal gates. Logic-Level Thresholds The logic-level thresholds are CMOS/TTL compatible when V+ is +5V. As V+ is raised, the level threshold increases slightly. When V+ reaches +12V, the level threshold is about 3.0V--above the TTL guaranteed high-level minimum of 2.8V, but still compatible with CMOS outputs. Do not connect the MAX4514/MAX4515's V+ to +3V and then connect the logic-level pins to logic-level signals that operate from +5V supply. Output levels can exceed +3V and violate the absolute maximum ratings, damaging the part and/or external circuits. High-Frequency Performance In 50 systems, signal response is reasonably flat up to 250MHz (see Typical Operating Characteristics). Above 20MHz, the on response has several minor peaks that are highly layout dependent. The problem is not in turning the switch on; it's in turning it off. The off-state switch acts like a capacitor and passes higher frequencies with less attenuation. At 10MHz, off isolation is about -45dB in 50 systems, decreasing (approximately 20dB per decade) as frequency increases. Higher circuit impedances also make off isolation decrease. Off isolation is about 3dB above that of a bare IC socket, and is due entirely to capacitive coupling. ______________________________________________Test Circuits/Timing Diagrams V+ V+ V+ VNO or VNC = 0V VIN 0V MAX4514 VOUT CL 1000pF VOUT VOUT MAX4515 NO or NC VIN IN MAX4514 MAX4515 COM GND 50 VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF. Q = VOUT x CL Figure 1. Charge Injection 6 _______________________________________________________________________________________ Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches _________________________________Test Circuits/Timing Diagrams (continued) V+ V+ V+ NO VNO VIN 0V 50% MAX4514/MAX4515 VIN MAX4514 IN GND 50 300 COM VOUT VNO PEAK VOUT 35pF 0V tON 90% 90% tOFF V+ V+ V+ NC VNC VIN 0V 50% VIN MAX4515 IN GND 50 300 COM VOUT 35pF VNC PEAK 90% VOUT 90% 0V tOFF tON Figure 2. Switching Times V+ 10nF NETWORK ANALYZER 50 50 V+ NO OR NC VIN V+ V+ VOUT MEAS REF V+ MAX4514 IN MAX4515 COM GND NO or NC 1MHz CAPACITANCE ANALYZER 50 50 AS REQUIRED IN MAX4514 MAX4515 COM GND MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS. OFF ISOLATION IS V OFF ISOLATION = 20log OUT MEASURED BETWEEN COM AND "OFF" TERMINAL VIN ON EACH SWITCH. ON LOSS IS MEASURED BETWEEN COM AND "ON" TERMINAL ON EACH SWITCH. SIGNAL VOUT ON LOSS = 20log DIRECTION THROUGH SWITCH IS REVERSED; WORST VIN VALUES ARE RECORDED. Figure 3. Off Isolation and On Loss Figure 4. NO, NC, and COM Capacitance 7 _______________________________________________________________________________________ Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches MAX4514/MAX4515 _Ordering Information (continued) PART MAX4514EPA MAX4514ESA MAX4514EUK MAX4514MJA MAX4515CPA MAX4515CSA MAX4515CUK MAX4515C/D MAX4515EPA MAX4515ESA MAX4515EUK MAX4515MJA TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -55C to +125C PIN-PACKAGE 8 Plastic DIP 8 SO 5 SOT23-5 8 CERDIP** 8 Plastic DIP 8 SO 5 SOT23-5 Dice* 8 Plastic DIP 8 SO 5 SOT23-5 8 CERDIP** NO OR NC 0.031" (0.79mm) GND IN ___________________Chip Topography 0.046" (1.17mm) COM V+ *Contact factory for dice specifications. **Contact factory for availability. TRANSISTOR COUNT: 19 SUBSTRATE IS INTERNALLY CONNECTED TO V+ __________________________________________________Tape-and-Reel Information E D P0 P2 W B0 F D1 t NOTE: DIMENSIONS ARE IN MM. AND FOLLOW EIA481-1 STANDARD. P A0 K0 A0 B0 D 1.499 D1 3.2000.102 3.0990.102 +0.102 +0.000 0.991 +0.254 +0.000 E 1.7530.102 F3.5050.051 K0 P 1.3970.102 3.988 0.102 P0 P010 P2 t 3.988 0.102 40.0050.203 2.007 0.051 0.254 0.127 +0.305 -0.102 5 SOT23-5 W8.001 Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 8 ___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1996 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |
Price & Availability of MAX4514 |